PART |
Description |
Maker |
IDT71256 IDT71256L IDT71256L100D IDT71256L100DB ID |
Precision Adjustable (Programmable) Shunt Reference 8-CDIP -55 to 125 的CMOS静态RAM 256K2K的8位) Dual Pulse-Width-Modulation Control Circuit 16-SSOP 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 25 ns, CDIP28 Single UART with 16-Byte FIFOs and Auto Flow Control 44-PLCC 0 to 70 的CMOS静态RAM 256K2K的8位) CABLE SMA/SMA 36 RG-142 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 120 ns, CDIP28 Dual-Channel Pulse-Width-Modulation (PWM) Control Circuit 16-SSOP -20 to 85 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 30 ns, PDSO28 CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 30 ns, PDIP28 Replaced by TL16C550C : Single UART with 16-Byte FIFO 40-PDIP 0 to 70 Single UART with 16-Byte FIFOs and Auto Flow Control 48-LQFP 0 to 70 1.8-V to 5-V Dual UART with 16-Byte FIFOs 48-TQFP 0 to 70 Replaced by TL16C550C : Single UART with 16-Byte FIFO 44-PLCC 0 to 70 Replaced by TL16C550C : Single UART with 16-Byte FIFOs 44-PLCC 0 to 70 Replaced by TL16C550C : Single UART with 16-Byte FIFOs 44-PLCC -40 to 85 Quad Pulse-Width-Modulation Control Circuit 48-LQFP -20 to 75 CMOS Static RAM 256k ( 32k X 8-bit )
|
INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technology, Inc. IDT[Integrated Device Technology] Integrated Device Technolog...
|
CY7C199CN-20ZXIT CY7C199CNL-15VC CY7C199CN-20ZI CY |
256K (32K x 8) Static RAM; Density: 256 Kb; Organization: 32Kb x 8; Vcc (V): 4.5 to 5.5 V; 32K X 8 STANDARD SRAM, 20 ns, PDSO28 256K (32K x 8) Static RAM 32K X 8 STANDARD SRAM, 15 ns, PDSO28 256K (32K x 8) Static RAM 32K X 8 STANDARD SRAM, 20 ns, PDSO28 256K (32K x 8) Static RAM 32K X 8 STANDARD SRAM, 25 ns, PDIP28
|
Cypress Semiconductor, Corp.
|
IDT71V256SA12PZG8 IDT71V256SA12PZGI8 IDT71V256SA12 |
Lower Power 3.3V CMOS Fast SRAM 256K (32K x 8-Bit) 3.3V, 32K X 8 Static RAM
|
Integrated Device Technology IDT
|
IDT71V416S10PHG IDT71V416S10PHGI IDT71V416S12PHG I |
3.3V 256K x 16 Static RAM Center Pwr & Gnd Pinout 3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) 256K X 16 STANDARD SRAM, 12 ns, PDSO44 3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) 256K X 16 STANDARD SRAM, 15 ns, PBGA48 3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) 256K X 16 STANDARD SRAM, 10 ns, PDSO44
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
IDT71256SA15PZ IDT71256SA IDT71256SA20PZ IDT71256S |
CMOS STATIC RAM 256K (32K x 8-BIT) Asynchronous Communications Element With Autoflow Control 48-LQFP -40 to 85 CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 12 ns, PDSO28 Asynchronous Communications Element With Autoflow Control 48-TQFP 0 to 70 32K X 8 STANDARD SRAM, 25 ns, PDSO28
|
Integrated Device Techn... IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
UPD43256B UPD43256B-A UPD43256B-B UPD43256BCZ-70L |
256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
|
NEC[NEC]
|
UPD43257BGU-85LL UPD43257BCZ-85LL UPD43257BCZ-70LL |
256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT 256K位CMOS静态RAM 32K的词8
|
NEC Corp. NEC, Corp.
|
LH52256C LH52256CH |
CMOS 256K (32K x 8) Static RAM
|
Sharp Electrionic Compo... Sharp Electrionic Components
|
LH51256L LH51256N-12L LH51256N-10L LH51256-10L LH5 |
CMOS 256K (32K X 8) STATIC RAM
|
Sharp Electrionic Components ETC
|
PDM41256 PDM41256LA10T PDM41256LA10TI PDM41256LA10 |
256K Static RAM 32K x 8-Bit
|
ETC
|
CY62256VLL-70ZI CY62256VLL-70ZRI CY62256V CY62256V |
32K x 8 Static RAM 32K X 8 STANDARD SRAM, 70 ns, PDSO28 Single Supply RS232C Line Driver/Receiver(?????μ?o?RS232C ?o?????????¨???2???2??????) 32K X 8 STANDARD SRAM, 70 ns, PDSO28 256K (32K x 8) Static RAM
|
Cypress Semiconductor, Corp. SRAM Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor] http://
|